Part Number Hot Search : 
684J63 1S215PQ SM3K3 2SD1410 HC157 MAXQ2000 1SMA47 RP200
Product Description
Full Text Search
 

To Download DSEI8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast Recovery Epitaxial Diode (FRED)
DSEI 8
IFAVM = 8 A VRRM = 600 V trr = 35 ns
VRSM V 640 640
VRRM V 600 600
Type
A
C
TO-263 AA DSEI 8-06AS
NC A C (TAB)
DSEI 8-06A DSEI 8-06AS
Symbol IFRMS IFAVM yyx IFRM IFSM
Test Conditions TVJ = TVJM TC = 115C; rectangular, d = 0.5 tP < 10 ms; rep. rating, pulse width limited by TVJM TVJ = 45C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 16 8 130 100 110 85 95 50 50 36 37 -40...+150 150 -40...+150 A A A A A A A A2s A2s A2s A2s C C C W Nm g
TO-220 AC DSEI 8-06A
C A C
A = Anode, C = Cathode, NC = No connection TAB = Cathode
TVJ = 150C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine I2t TVJ = 45C t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
TVJ = 150C; t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine TVJ TVJM Tstg Ptot Md Weight TC = 25C Mounting torque
50 0.4...0.6 2
Features International standard package JEDEC TO-220 AC & TO-263 AB Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
q q q q q q q q
Symbol
Test Conditions typ.
Characteristic Values max. 20 10 1.5 1.3 1.5 0.98 28.7 2.5 mA mA mA V V V mW K/W K/W K/W ns A
q q
IR
TVJ = 25C TVJ = 25C TVJ = 125C IF = 8 A;
VR = VRRM VR = 0.8 * VRRM VR = 0.8 * VRRM TVJ = 150C TVJ = 25C
q
q
VF VT0 rT RthJC RthCK RthJA trr IRM
q q q
For power-loss calculations only TVJ = TVJM 0.5
Applications Antiparallel diode for high frequency switching devices Anti saturation diode Snubber diode Free wheeling diode in converters and motor control circuits Rectifiers in switch mode power supplies (SMPS) Inductive heating and melting Uninterruptible power supplies (UPS) Ultrasonic cleaners and welders Advantages High reliability circuit operation Low voltage peaks for reduced protection circuits Low noise switching Low losses Operating at lower temperature or space saving by reduced cooling
q q
60 IF = 1 A; -di/dt = 50 A/ms; VR = 30 V; TVJ = 25C VR = 350 V; IF = 8 A; -diF/dt = 64 A/ms L 0.05 mH; TVJ = 100C 35 2.5 50 2.8
q q q
(c) 2000 IXYS All rights reserved
1-2
033
x IFAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5 Data according to IEC 60747 IXYS reserves the right to change limits, test conditions and dimensions
DSEI 8, 600 V
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Dim. A B C D E F G H J K L M N Q Millimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 2.54 1.15 0.64 4.83 3.56 0.38 2.04 0.64 6.85 3.42 1.77 6.35 0.89 5.33 4.82 0.56 2.49 1.39 Inches Max.
Dimensions TO-220 AC
Min.
0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 0.230 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Fig. 7 Transient thermal impedance junction to case.
033
Dimension TO-263 AA see DSEI 19 (c) 2000 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSEI8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X